PART |
Description |
Maker |
SPX385AM1-5-0 SPX385AM1-5-0_TR SPX385S-5-0_TR SPX3 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PBCY3 5V Micropower Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 LEAD FREE, TO-236AB, SOT-23, 3 PIN
|
http:// SIPEX[Sipex Corporation] Exar, Corp.
|
AD586 AD586A AD586AR AD586B AD586BR AD586J AD586JC |
High Precision 5 V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 High Precision 5 V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, CDIP8 High Precision 5 V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 High Precision 5 V Reference 高精 V参
|
Analog Devices, Inc. AD[Analog Devices]
|
ZXRE1004FF ZXRE1004FN8 ZXRE1004FR ZXRE1004 ZXRE100 |
Micropower 1.22 V voltage reference SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE IC-SM 1.22V PRECISION REFERENCE 集成电路1.22V的高精度参 IC REF VOLT 1.22V 20MA 1% 8-SOIC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
MAX918 MAX920ESA MAX919ESA MAX919EUK-T MAX917 MAX9 |
SOT23 1.8V Nanopower Beyond-the-Rails Comparators With/Without Reference "SOT23, 1.8V, 380nA Comparator with Push-Pull Output" " SOT23, 1.8V, 750nA Comparator with Internal 1.245V 1.5% Voltage Reference and Open-Drain Output" SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference SOT23 / 1.8V / Nanopower / Beyond-the-Rails Comparators With/Without Reference
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT1027 LT1027A LT1027ACH-5 LT1027B LT1027BCH-5 LT1 |
Precision 5V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
X60008DIS8-41 X60008CIS8-41 X60008BIS8-41 X60008BI |
Precision 4.096V FGAVoltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8
|
Intersil Corporation Intersil, Corp.
|
IS0-1009RH-Q |
2.5V Reference; ; Package: Die (Military Visual) 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, MBCY3
|
Glenair, Inc.
|
AS432 AS432A2DBVB AS432A1DA AS432A1DB AS432A1DBV7 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.24 V, PDSO5 1.24V Precision Adjustable Shunt Reference/Amplifier
|
ASTEC Semiconductor
|
CS1009GD8 |
2.5 Volt Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
ON Semiconductor
|
AD581S AD581JH AD581U AD581J AD581KH AD581TH AD581 |
High Precision 10 V IC Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, MBCY3 High Precision 10 V IC Reference 高精0 V的IC参
|
AD[Analog Devices] Analog Devices, Inc.
|
ADR391 ADR395 ADR390 ADR392 ADR391ART-RL ADR392ART |
Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO5 Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO5 Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO5 Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO5 ER 3C 3#16S SKT PLUG CONNECTOR ACCESSORY
|
Analog Devices, Inc. ANALOG DEVICES INC
|